PART |
Description |
Maker |
IRF9Z34N IRF9Z34NPBF |
Power MOSFET(Vdss=-55V/ Rds(on)=0.10ohm/ Id=-19A) Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A) -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
IRF1405L IRF1405S |
Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A? Power MOSFET(Vdss=55V/ Rds(on)=5.3mohm/ Id=131A) Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A) Power MOSFET(Vdss=55V, Rds(on)=5.3mohm, Id=131A?) 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
IRF[International Rectifier]
|
IRCZ24 |
Power MOSFET(Vdss=55V/ Rds(on)=0.040ohm/ Id=26A) Power MOSFET(Vdss=55V, Rds(on)=0.040ohm, Id=26A) 60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
International Rectifier
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFIZ48N IRFIZ48 IRFIZ48NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=36A)
|
IRF[International Rectifier]
|
IRF5NJZ48 |
55V Single N-Channel Hi-Rel MOSFET in a SMD-0.5 package POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.016ohm, Id=22A*)
|
International Rectifier
|
IRF9Z24NL IRF9Z24NS IRF9Z24NSTRR IRF9Z24NSTRL |
-60V Single P-Channel HEXFET Power MOSFET in a TO-262 package -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A) 功率MOSFET(减振钢板基本\u003d- 55V的,的Rds(on)\u003d 0.175ohm,身份证\u003d- 12A条) Power MOSFET(Vdss=-55V/ Rds(on)=0.175ohm/ Id=-12A)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFIZ34N IRFIZ34NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Lsolated Base Power HEX-pak Assembly Half Bridge Configuration Power MOSFET(Vdss=55V, Rds(on)=0.04ohm, Id=21A)
|
IRF[International Rectifier]
|
IRF5M3205 |
POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.015ohm, Id=35A) THRU-HOLE (TO-254AA) 55V, N-CHANNEL
|
IRF[International Rectifier]
|
IRFR5305 IRFU5305 IRFRU5305 IRFR5305TR IRFR5305TRL |
-55V Single P-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=-55V Rds(on)=0.065ohm Id=-31A) HEXFET? Power MOSFET Power MOSFET(Vdss=-55V, Rds(on)=0.065ohm, Id=-31A) -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package
|
IRF[International Rectifier]
|
IRF4905 IRF4B905 IRF4905PBF |
Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A) 功率MOSFET(减振钢板基本\u003d- 55V的,的Rds(on)\u003d 0.02ohm,身份证\u003d- 74A条) -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier, Corp.
|